Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 42 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 42 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 38Page - SMSC Corporation EMC1413 Datasheet HTML 39Page - SMSC Corporation EMC1413 Datasheet HTML 40Page - SMSC Corporation EMC1413 Datasheet HTML 41Page - SMSC Corporation EMC1413 Datasheet HTML 42Page - SMSC Corporation EMC1413 Datasheet HTML 43Page - SMSC Corporation EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
42
SMSC EMC1413 / EMC1414
DATASHEET
7.18
Filter Control Register
The Filter Configuration Register controls the digital filter on the External Diode 1 channel.
Bits 1-0 - FILTER[1:0] - Control the level of digital filtering that is applied to the External Diode 1
temperature measurement as shown in Table 7.24. See Figure 6.3 and Figure 6.4 for examples on the
filter behavior.
7.19
Product ID Register
The Product ID Register holds a unique value that identifies the device.
7.20
SMSC ID Register
The Manufacturer ID register contains an 8-bit word that identifies the SMSC as the manufacturer of
the EMC1413 / EMC1414.
Table 7.23 Filter Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Filter Control
-
-
-
-
-
-
FILTER[1:0]
00h
Table 7.24 FILTER Decode
FILTER[1:0]
AVERAGING
10
0
0
Disabled (default)
0
1
Level 1
1
0
Level 1
1
1
Level 2
Table 7.25 Product ID Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FDh
R
Product ID
(EMC1413)
00
10
00
01
21h
FDh
R
Product ID
(EMC1414)
00
10
01
01
25h
Table 7.26 Manufacturer ID Register
ADDR.
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
FEh
R
SMSC ID
01011101
5Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com