Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 3Page - SMSC Corporation EMC1413 Datasheet HTML 4Page - SMSC Corporation EMC1413 Datasheet HTML 5Page - SMSC Corporation EMC1413 Datasheet HTML 6Page - SMSC Corporation EMC1413 Datasheet HTML 7Page - SMSC Corporation EMC1413 Datasheet HTML 8Page - SMSC Corporation EMC1413 Datasheet HTML 9Page - SMSC Corporation EMC1413 Datasheet HTML 10Page - SMSC Corporation EMC1413 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Internal Temp
Diode
Switching
Current
Analog
Mux
Internal
Temperature Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
THERM / ADDR
SMCLK
SMDATA
DP1
DN1
VDD
GND
External Temperature
Register(s)
ΔΣ ADC
THERM Limit Register
THERM Hysteresis Register
SMBus Address Decode
ALERT
EMC1413/ EMC1414
DP2 / DN3
*
DN2 / DP3
*
Anti-parallel
Diodes
* EMC1414 only
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
7
Revision 1.41 (02-23-12)
DATASHEET
Chapter 1 Block Diagram
Figure 1.1 EMC1413 / EMC1414 Block Diagram
Chapter 2 Delta
2.1
Functional Delta from EMC1413 / EMC1414 rev A to rev B
1. Updated revision number to 04h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com