Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 37 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 33Page - SMSC Corporation EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation EMC1413 Datasheet HTML 36Page - SMSC Corporation EMC1413 Datasheet HTML 37Page - SMSC Corporation EMC1413 Datasheet HTML 38Page - SMSC Corporation EMC1413 Datasheet HTML 39Page - SMSC Corporation EMC1413 Datasheet HTML 40Page - SMSC Corporation EMC1413 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
37
Revision 1.41 (02-23-12)
DATASHEET
Bits 6-4 - CTHRM[2:0] - Determines the number of consecutive measurements that must exceed the
corresponding Therm Limit before the THERM pin is asserted. All temperature channels use this value
to set the respective counters. The consecutive Therm counter is incremented whenever any
measurement exceed the corresponding Therm Limit.
If the temperature drops below the Therm Limit, the counter is reset. If a number of consecutive
measurements above the Therm Limit occurs, the THERM pin is asserted low.
Once the THERM pin has been asserted, the consecutive therm counter will not reset until the
corresponding temperature drops below the Therm Limit minus the Therm Hysteresis value.
The bits are decoded as shown in Table 7.14. The default setting is 4 consecutive out of limit
conversions.
Bits 3-1 - CALRT[2:0] - Determine the number of consecutive measurements that must have an out of
limit condition or diode fault before the ALERT pin is asserted. All temperature channels use this value
to set the respective counters. The bits are decoded as shown in Table 7.14. The default setting is 1
consecutive out of limit conversion.
7.13
Beta Configuration Registers
These registers are used to set the Beta Compensation factor that is used for the external diode
channels.
Bit 3 - ENABLEX - Enables the Beta Compensation factor auto-detection function. The ENABLE2
control is disabled for the EMC1414; beta compensation cannot be enabled for External Diode 2 or 3.
‘0’ - The Beta Compensation Factor auto-detection circuitry is disabled.
‘1’ - The Beta Compensation factor auto-detection circuitry is enabled. At the beginning of every
conversion, the optimal Beta Compensation factor setting will be determined and applied. The
BETAX[2:0] bits will be automatically updated to indicate the current setting. This is the default for
Table 7.14 Consecutive Alert / Therm Settings
21
0
NUMBER OF CONSECUTIVE OUT OF LIMIT
MEASUREMENTS
00
0
1
(default for CALRT[2:0])
00
1
2
01
1
3
11
1
4
(default for CTHRM[2:0])
Table 7.15 Beta Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
25h
R/W
External
Diode 1 Beta
Configuration
-
-
-
-
ENABLE1
BETA1[2:0]
08h
26h
R/W
External
Diode 2 Beta
Configuration
-
-
-
-
ENABLE2
BETA2[2:0]
08h for
EMC1413
and 07h
for
EMC1414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com