Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 44 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 40Page - SMSC Corporation EMC1413 Datasheet HTML 41Page - SMSC Corporation EMC1413 Datasheet HTML 42Page - SMSC Corporation EMC1413 Datasheet HTML 43Page - SMSC Corporation EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
44
SMSC EMC1413 / EMC1414
DATASHEET
Chapter 8 Typical Operating Curves
Tem perature Error vs. Filter Capacitor
(2N3904, TA = 27°C, T
DIODE = 27°C, V DD = 3.3V )
-1.0
-0.8
-0.5
-0.3
0.0
0.3
0.5
0.8
1.0
0
1000
2000
3000
4000
Filter Capacitor (pF)
Tem perature Error vs. Am bient Tem perature
(2N3904, T
DIODE = 42.5°C, VDD = 3.3V )
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25 -10
5
20
35
50
65
80
95
110 125
Am bient Tem perature (°C)
Tem perature Error vs. External Diode Tem perature
(2N3904, TA = 42.5°C, VDD = 3.3V)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
External Diode Tem perature (°C)
Temperature Error vs. CPU Temperature
Typical 65nm CPU from major vendor
(TA = 27°C, VDD = 3.3V, BETA = 011, C
FILTER = 470pF)
-1
0
1
2
3
4
5
20
40
60
80
100
120
CPU Temperature (°C)
Beta Compensation
Disabled
Beta Compensation Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com