Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 49 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation EMC1413 Datasheet HTML 49Page - SMSC Corporation EMC1413 Datasheet HTML 50Page - SMSC Corporation EMC1413 Datasheet HTML 51Page - SMSC Corporation EMC1413 Datasheet HTML 52Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
49
Revision 1.41 (02-23-12)
DATASHEET
9.1
Package Markings
The EMC1414 devices will be marked as shown in Figure 9.5 and Figure 9.6.
The EMC1413 devices will be marked as shown in Figure 9.7 and Figure 9.8.
BOTTOM
LINE 1: Device code, first 2 of last 6
digits of lot number
LINE 2: Last 4 digits of lot number
TOP
e4
PIN 1
BOTTOM MARKING IS NOT ALLOWED
3
3
L
L
L
L
L
L
BOTTOM
LINE: 1-T – Device Number
LINE: 2-T Version, Revision, Country Code (VRCC)
ALL TOP LINES CENTER
HORIZONTAL ALIGNMENT
PB-FREE/GREEN SYMBOL
(Matte Sn)
2x 1.5pt
TOP
e3
PIN 1
LINE: 1-B – Date Code (YYWW)
LINE: 2-B – First 3 Digits of Lot Number
3x 1.5pt
PIN 1
LINE: 3-B – Last 4 Digits of Lot Number
14
1 4
VR
C C
YY W W
12 3
45
6 a
Figure 9.5 EMC1414-A 10-Pin DFN Package Markings
Figure 9.6 EMC1414 10-Pin MSOP Package Markings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com