Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 38 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation EMC1413 Datasheet HTML 36Page - SMSC Corporation EMC1413 Datasheet HTML 37Page - SMSC Corporation EMC1413 Datasheet HTML 38Page - SMSC Corporation EMC1413 Datasheet HTML 39Page - SMSC Corporation EMC1413 Datasheet HTML 40Page - SMSC Corporation EMC1413 Datasheet HTML 41Page - SMSC Corporation EMC1413 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
38
SMSC EMC1413 / EMC1414
DATASHEET
EMC1413. This is the default for EMC1414 for External Diode 1 only; it is disabled and cannot be
enabled for External Diode 2 or 3.
Bit 2-0 - BETAX[2:0] - These bits always reflect the current beta configuration settings. If auto-detection
circuitry is enabled, these bits will be updated automatically and writing to these bits will have no effect.
If the auto-detection circuitry is disabled, these bits will determine the beta configuration setting that is
used for their respective channels.
Care should be taken when setting the BETAX[2:0] bits when the auto-detection circuitry is disabled.
If the Beta Compensation factor is set at a beta value that is higher than the transistor beta, the circuit
may introduce measurement errors. When measuring a discrete thermal diode (such as 2N3904) or a
CPU diode that functions like a discrete thermal diode (such as an AMD processor diode), the
BETAX[2:0] bits should be set to ‘111b’.
7.14
External Diode Ideality Factor Registers
Table 7.16 CPU Beta Values
HEX
ENABLEX
BETAX[2:0]
MINIMUM BETA
21
0
0h
0
0
0
0
0.11
1h
0
0
0
1
0.18
2h
0
0
1
0
0.25
3h
0
0
1
1
0.33
4h
0
1
0
0
0.43
5h
0
1
0
1
1.00
6h
0
1
1
0
2.33
7h
0
1
1
1
Disabled
8h - Fh
1
X
X
X
Auto-detection
Table 7.17 Ideality Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
27h
R/W
External
Diode 1
Ideality
Factor
-
-
IDEALITY1[5:0]
12h
28h
R/W
External
Diode 2
Ideality
Factor
-
-
IDEALITY2[5:0]
12h
31h
R/W
External
Diode 3
Ideality
Factor
-
-
IDEALITY3[5:0]
12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com