Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 33 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 29Page - SMSC Corporation EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation EMC1413 Datasheet HTML 33Page - SMSC Corporation EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation EMC1413 Datasheet HTML 36Page - SMSC Corporation EMC1413 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
33
Revision 1.41 (02-23-12)
DATASHEET
The device contains both high and low limits for all temperature channels. If the measured temperature
exceeds the high limit, then the corresponding status bit is set and the ALERT pin is asserted.
Likewise, if the measured temperature is less than or equal to the low limit, the corresponding status
bit is set and the ALERT pin is asserted.
The data format for the limits must match the selected data format for the temperature so that if the
extended temperature range is used, the limits must be programmed in the extended data format.
The limit registers with multiple addresses are fully accessible at either address.
When the device is in Standby mode, updating the limit registers will have no effect until the next
conversion cycle occurs. This can be initiated via a write to the One Shot Register or by clearing the
RUN / STOP bit in the Configuration Register (see Section 7.4).
15h
R/W
External
Diode 2 High
Limit High
Byte
128
6432
16
8
42
1
55h
(85°C)
16h
R/W
External
Diode 2 Low
Limit High
Byte
128
6432
16
8
42
1
00h
(0°C)
17h
R/W
External
Diode 2 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
18h
R/W
External
Diode 2 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
2Ch
R/W
External
Diode 3 High
Limit High
Byte
128
6432
16
8
42
1
55h
(85°C)
2Dh
R/W
External
Diode 3 Low
Limit High
Byte
128
6432
16
8
42
1
00h
(0°C)
2Eh
R/W
External
Diode 3 High
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
2Fh
R/W
External
Diode 3 Low
Limit Low
Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 7.7 Temperature Limit Registers (continued)
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com