Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 35 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation EMC1413 Datasheet HTML 33Page - SMSC Corporation EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation EMC1413 Datasheet HTML 36Page - SMSC Corporation EMC1413 Datasheet HTML 37Page - SMSC Corporation EMC1413 Datasheet HTML 38Page - SMSC Corporation EMC1413 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
35
Revision 1.41 (02-23-12)
DATASHEET
Unlike the ALERT pin, the THERM pin cannot be masked. Additionally, the THERM pin will be released
once the temperature drops below the corresponding threshold minus the Therm Hysteresis.
7.10
External Diode Fault Register
The External Diode Fault Register indicates which of the external diodes caused the FAULT bit in the
Status Register to be set. This register is cleared when it is read.
Bit 3 - E3FLT (EMC1414 only) - This bit is set if the External Diode 3 channel reported a diode fault.
Bit 2 - E2FLT - This bit is set if the External Diode 2 channel reported a diode fault.
Bit 1 - E1FLT - This bit is set if the External Diode 1 channel reported a diode fault.
7.11
Channel Mask Register
The Channel Mask Register controls individual channel masking. When a channel is masked, the
ALERT pin will not be asserted when the masked channel reads a diode fault or out of limit error. The
channel mask does not mask the THERM pin.
Bit 3 - E3MASK (EMC1414 only) - Masks the ALERT pin from asserting when the External Diode 3
channel is out of limit or reports a diode fault.
‘0’ (default) - The External Diode 3 channel will cause the ALERT pin to be asserted if it is out of
limit or reports a diode fault.
‘1’ - The External Diode 3 channel will not cause the ALERT pin to be asserted if it is out of limit
or reports a diode fault.
Bit 2 - E2MASK - Masks the ALERT pin from asserting when the External Diode 2 channel is out of
limit or reports a diode fault.
‘0’ (default) - The External Diode 2 channel will cause the ALERT pin to be asserted if it is out of
limit or reports a diode fault.
‘1’ - The External Diode 2 channel will not cause the ALERT pin to be asserted if it is out of limit
or reports a diode fault.
Bit 1 - E1MASK - Masks the ALERT pin from asserting when the External Diode 1 channel is out of
limit or reports a diode fault.
‘0’ (default) - The External Diode 1 channel will cause the ALERT pin to be asserted if it is out of
limit or reports a diode fault.
‘1’ - The External Diode 1 channel will not cause the ALERT pin to be asserted if it is out of limit
or reports a diode fault.
Table 7.11 External Diode Fault Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Bh
R-C
External
Diode Fault
-
-
-
-
E3FLT
E2FLT
E1FLT
-
00h
Table 7.12 Channel Mask Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R/W
Channel
Mask
-
---
E3
MASK
E2
MASK
E1
MASK
INT
MASK
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com