Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 24 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 20Page - SMSC Corporation EMC1413 Datasheet HTML 21Page - SMSC Corporation EMC1413 Datasheet HTML 22Page - SMSC Corporation EMC1413 Datasheet HTML 23Page - SMSC Corporation EMC1413 Datasheet HTML 24Page - SMSC Corporation EMC1413 Datasheet HTML 25Page - SMSC Corporation EMC1413 Datasheet HTML 26Page - SMSC Corporation EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
24
SMSC EMC1413 / EMC1414
DATASHEET
6.8
Temperature Measurement Results and Data
The temperature measurement results are stored in the internal and external temperature registers.
These are then compared with the values stored in the high and low limit registers. Both external and
internal temperature measurements are stored in 11-bit format with the eight (8) most significant bits
stored in a high byte register and the three (3) least significant bits stored in the three (3) MSB
positions of the low byte register. All other bits of the low byte register are set to zero.
The EMC1413 / EMC1414 has two selectable temperature ranges. The default range is from 0°C to
+127°C and the temperature is represented as binary number able to report a temperature from 0°C
to +127.875°C in 0.125°C steps.
The extended range is an extended temperature range from -64°C to +191°C. The data format is a
binary number offset by 64°C. The extended range is used to measure temperature diodes with a large
known offset (such as AMD processor diodes) where the diode temperature plus the offset would be
equivalent to a temperature higher than +127°C.
Table 6.2 shows the default and extended range formats.
Note 6.1
In default mode, all temperatures < 0°C will be reported as 0°C.
Note 6.2
In the extended range, all temperatures < -64°C will be reported as -64°C.
Note 6.3
For the default range, all temperatures > +127.875°C will be reported as +127.875°C.
Note 6.4
For the extended range, all temperatures > +191.875°C will be reported as +191.875°C.
Table 6.2 Temperature Data Format
TEMPERATURE (°C)
DEFAULT RANGE 0°C TO 127°C
EXTENDED RANGE -64°C TO 191°C
Diode Fault
000 0000 0000
000 0000 0000
-64
000 0000 0000
000 0000 0000
Note 6.2
-1
000 0000 0000
001 1111 1000
0
000 0000 0000
Note 6.1
010 0000 0000
0.125
000 0000 0001
010 0000 0001
1
000 0000 1000
010 0000 1000
64
010 0000 0000
100 0000 0000
65
010 0000 1000
100 0000 1000
127
011 1111 1000
101 1111 1000
127.875
011 1111 1111
101 1111 1111
128
011 1111 1111
Note 6.3
110 0000 0000
190
011 1111 1111
111 1111 0000
191
011 1111 1111
111 1111 1000
>= 191.875
011 1111 1111
111 1111 1111
Note 6.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com