Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 51 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation EMC1413 Datasheet HTML 46Page - SMSC Corporation EMC1413 Datasheet HTML 47Page - SMSC Corporation EMC1413 Datasheet HTML 48Page - SMSC Corporation EMC1413 Datasheet HTML 49Page - SMSC Corporation EMC1413 Datasheet HTML 50Page - SMSC Corporation EMC1413 Datasheet HTML 51Page - SMSC Corporation EMC1413 Datasheet HTML 52Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
51
Revision 1.41 (02-23-12)
DATASHEET
Chapter 10 Document Revision History
Table 10.1 Customer Revision History
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Rev. 1.41 (02-23-12)
Chapter 3, Pin Description
Labeled exposed pad in pinout figure and added
row in pin description table. Recommendation is to
ground the exposed pad.
Rev. 1.40 (01-05-12)
Table 4.3, "SMBus Electrical
Specifications"
Added conditions for tHD:DAT. Data hold time
minimum of 0.3µs is required when receiving from
the master.
Section 5.1.8, "SMBus and
I2C Compatibility"
Renamed from “SMBus and I2C Compliance.” First
paragraph, added first sentence: “The EMC1413 /
EMC1414 is compatible with SMBus and I2C.”
And added last sentence: “For information on
using the EMC1413 / EMC1414 in an I2C system,
refer to SMSC AN 14.0 SMSC Dedicated Slave
Devices in I2C Systems.”
Rev. 1.39 (06-07-11)
Figure 3.2, "EMC1413 /
EMC1414 Pin Diagram,
DFN-10"
Updated to include EMC1414.
Figure 9.5, "EMC1414-A 10-
Pin DFN Package Markings"
Added.
Ordering Information
Added EMC1414-A-AIA to ordering information
table.
Rev. 1.38 (09-30-10)
Table 4.2, "Electrical
Specifications"
Filter MAX changed from “2.5nF” to “2.7nF”.
Section 7.21, "Revision
Register"
Set revision ID to 04h.
Chapter 5, System
Management Bus Interface
Protocol
Updated error on ACK bit settings and reorganized
chapter information and moved ALERT pin
considerations.
Chapter 6, Product
Description
Reorganized information for temperature
monitoring and ALERT pin considerations.
Rev. 1.37 (12-23-09)
Section 7.21, "Revision
Register"
Changed default from 01h to 03h to match the
actual value.
Ordering Information
Added EMC1414-A-AIA-TR in a 10-pin DFN
Section 4.1, "Absolute
Maximum Ratings"
Updated voltage on 5V tolerant pins with pull up
from -0.3 to 3.6 to 0 to 3.6.
Chapter 9, Package
Information
Added package information for the TDFN.
Section 9.1, "Package
Markings"
Added package marking information for the TDFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com