Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 34 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation EMC1413 Datasheet HTML 33Page - SMSC Corporation EMC1413 Datasheet HTML 34Page - SMSC Corporation EMC1413 Datasheet HTML 35Page - SMSC Corporation EMC1413 Datasheet HTML 36Page - SMSC Corporation EMC1413 Datasheet HTML 37Page - SMSC Corporation EMC1413 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
Revision 1.41 (02-23-12)
34
SMSC EMC1413 / EMC1414
DATASHEET
7.7
Scratchpad Registers
The Scratchpad Registers are Read / Write registers that are used for place holders to be software
compatible with legacy programs. Reading from the registers will return what is written to them.
7.8
One Shot Register
The One Shot Register is used to initiate a one shot command. Writing to the one shot register when
the device is in standby mode and BUSY bit (in Status Register) is ‘0’, will immediately cause the ADC
to update all temperature measurements. Writing to the One Shot Register while the device is in active
mode will have no effect.
7.9
Therm Limit Registers
The Therm Limit Registers are used to determine whether a critical thermal event has occurred. If the
measured temperature exceeds the Therm Limit, the THERM pin is asserted. The limit setting must
match the chosen data format of the temperature reading registers.
Table 7.8 Scratchpad Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
11h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
12h
R/W
Scratchpad
7
6
5
4
3
2
1
0
00h
Table 7.9 One Shot Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
W
One Shot
Writing to this register initiates a single conversion cycle. Data
is not stored and always reads 00h
00h
Table 7.10 Therm Limit Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
External
Diode 1
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
1Ah
R/W
External
Diode 2
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
20h
R/W
Internal Diode
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
30h
R/W
External
Diode 3
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com