Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 29 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 25Page - SMSC Corporation EMC1413 Datasheet HTML 26Page - SMSC Corporation EMC1413 Datasheet HTML 27Page - SMSC Corporation EMC1413 Datasheet HTML 28Page - SMSC Corporation EMC1413 Datasheet HTML 29Page - SMSC Corporation EMC1413 Datasheet HTML 30Page - SMSC Corporation EMC1413 Datasheet HTML 31Page - SMSC Corporation EMC1413 Datasheet HTML 32Page - SMSC Corporation EMC1413 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
29
Revision 1.41 (02-23-12)
DATASHEET
7.1
Data Read Interlock
When any temperature channel high byte register is read, the corresponding low byte is copied into
an internal ‘shadow’ register. The user is free to read the low byte at any time and be guaranteed that
it will correspond to the previously read high byte. Regardless if the low byte is read or not, reading
from the same high byte register again will automatically refresh this stored low byte data.
7.2
Temperature Data Registers
As shown in Table 7.2, all temperatures are stored as an 11-bit value with the high byte representing
the integer value and the low byte representing the fractional value left justified to occupy the MSBits.
37h
R
Therm Limit Status
Status bits for the Therm Limits
00h
Page 41
40h
R/W
Filter Control
Controls the digital filter setting for
the External Diode 1 channel
00h
Page 42
FDh
R
Product ID
(EMC1413)
Stores a fixed value that identifies
the device
21h
Page 42
FDh
R
Product ID
(EMC1414)
Stores a fixed value that identifies
the device
25h
Page 42
FEh
R
Manufacturer ID
Stores a fixed value that
represents SMSC
5Dh
Page 42
FFh
R
Revision
Stores a fixed value that
represents the revision number
04h
Page 43
Table 7.2 Temperature Data Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
00h
R
Internal Diode
High Byte
128
64
32
16
8
4
2
1
00h
29h
R
Internal Diode
Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
01h
R
External Diode
1 High Byte
128
64
32
16
8
4
2
1
00h
10h
R
External Diode
1 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
23h
R
External Diode
2 High Byte
128
64
32
16
8
4
2
1
00h
24h
R
External Diode
2 Low Byte
0.5
0.25
0.125
-
-
-
-
-
00h
Table 7.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com