Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 41 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 37Page - SMSC Corporation EMC1413 Datasheet HTML 38Page - SMSC Corporation EMC1413 Datasheet HTML 39Page - SMSC Corporation EMC1413 Datasheet HTML 40Page - SMSC Corporation EMC1413 Datasheet HTML 41Page - SMSC Corporation EMC1413 Datasheet HTML 42Page - SMSC Corporation EMC1413 Datasheet HTML 43Page - SMSC Corporation EMC1413 Datasheet HTML 44Page - SMSC Corporation EMC1413 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
41
Revision 1.41 (02-23-12)
DATASHEET
7.16
Low Limit Status Register
The Low Limit Status Register contains the status bits that are set when a temperature channel drops
below the low limit. If any of these bits are set, then the LOW status bit in the Status Register is set.
Reading from the Low Limit Status Register will clear all bits. Reading from the register will also clear
the LOW status bit in the Status Register.
The ALERT pin will be set if the programmed number of consecutive alert counts have been met and
any of these status bits are set.
The status bits will remain set until read unless the ALERT pin is configured as a comparator output
(see Section 6.3.2).
Bit 3 - E3LOW (EMC1414 only) - This bit is set when the External Diode 3 channel drops below its
programmed low limit.
Bit 2 - E2LOW - This bit is set when the External Diode 2 channel drops below its programmed low
limit.
Bit 1 - E1LOW - This bit is set when the External Diode 1 channel drops below its programmed low
limit.
Bit 0 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
7.17
Therm Limit Status Register
The Therm Limit Status Register contains the status bits that are set when a temperature channel
Therm Limit is exceeded. If any of these bits are set, the THERM status bit in the Status Register is
set. Reading from the Therm Limit Status Register will not clear the status bits. Once the temperature
drops below the Therm Limit minus the Therm Hysteresis, the corresponding status bits will be
automatically cleared. The THERM bit in the Status Register will be cleared when all individual channel
THERM bits are cleared.
Bit 3 - E3THERM (EMC1414 only) - This bit is set when the External Diode 3 channel exceeds its
programmed Therm Limit. When set, this bit will assert the THERM pin.
Bit 2 - E2THERM - This bit is set when the External Diode 2 channel exceeds its programmed Therm
Limit. When set, this bit will assert the THERM pin.
Bit 1 - E1THERM - This bit is set when the External Diode 1 channel exceeds its programmed Therm
Limit.
Bit 0- ITHERM - This bit is set when the Internal Diode channel exceeds its programmed Therm Limit.
When set, this bit will assert the THERM pin.
Table 7.21 Low Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R-C
Low Limit
Status
-
-
-
-
E3LOW
E2LOW
E1LOW
ILOW
00h
Table 7.22 Therm Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
37h
R-C
Therm
Limit
Status
--
-
-
E3
THERM
E2
THERM
E1
THERM
ITHERM
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com