Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 19 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 15Page - SMSC Corporation EMC1413 Datasheet HTML 16Page - SMSC Corporation EMC1413 Datasheet HTML 17Page - SMSC Corporation EMC1413 Datasheet HTML 18Page - SMSC Corporation EMC1413 Datasheet HTML 19Page - SMSC Corporation EMC1413 Datasheet HTML 20Page - SMSC Corporation EMC1413 Datasheet HTML 21Page - SMSC Corporation EMC1413 Datasheet HTML 22Page - SMSC Corporation EMC1413 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
19
Revision 1.41 (02-23-12)
DATASHEET
6.1
Modes of Operation
The EMC1413 and EMC1414 have two modes of operation.
Active (Run) - In this mode of operation, the ADC is converting on all temperature channels at the
programmed conversion rate. The temperature data is updated at the end of every conversion and
the limits are checked. In Active mode, writing to the one-shot register will do nothing.
Standby (Stop) - In this mode of operation, the majority of circuitry is powered down to reduce
supply current. The temperature data is not updated and the limits are not checked. In this mode
of operation, the SMBus is fully active and the part will return requested data. Writing to the one-
shot register will enable the device to update all temperature channels. Once all the channels are
updated, the device will return to the Standby mode.
6.1.1
Conversion Rates
The EMC1413 / EMC1414 may be configured for different conversion rates based on the system
requirements. The conversion rate is configured as described in Section 7.5. The default conversion
rate is 4 conversions per second. Other available conversion rates are shown in Table 7.6, "Conversion
Rate".
6.1.2
Dynamic Averaging
Dynamic averaging causes the EMC1413 / EMC1414 to measure the external diode channels for an
extended time based on the selected conversion rate. This functionality can be disabled for increased
power savings at the lower conversion rates (see Section 7.4, "Configuration Register"). When
dynamic averaging is enabled, the device will automatically adjust the sampling and measurement time
for the external diode channels. This allows the device to average 2x or 16x longer than the normal
11 bit operation (nominally 21ms per channel) while still maintaining the selected conversion rate. The
benefits of dynamic averaging are improved noise rejection due to the longer integration time as well
as less random variation of the temperature measurement.
When enabled, the dynamic averaging applies when a one-shot command is issued. The device will
perform the desired averaging during the one-shot operation according to the selected conversion rate.
When enabled, the dynamic averaging will affect the average supply current based on the chosen
conversion rate as shown in Table 6.1
.
Figure 6.2 System Diagram for EMC1413
CPU / GPU
EMC1413
Host
DP1
DN1
SMDATA
Thermal
Junction
SMCLK
SMBus
Interface
THERM / ADDR
ALERT
Power Control
VDD
GND
VDD = 3.3V
3.3V – 5V
DN2
DP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com