Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1413 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC1413
Description  Multiple Channel 1 Temperature Sensors with Beta Compensation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1413 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC1413 Datasheet HTML 9Page - SMSC Corporation EMC1413 Datasheet HTML 10Page - SMSC Corporation EMC1413 Datasheet HTML 11Page - SMSC Corporation EMC1413 Datasheet HTML 12Page - SMSC Corporation EMC1413 Datasheet HTML 13Page - SMSC Corporation EMC1413 Datasheet HTML 14Page - SMSC Corporation EMC1413 Datasheet HTML 15Page - SMSC Corporation EMC1413 Datasheet HTML 16Page - SMSC Corporation EMC1413 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Datasheet
SMSC EMC1413 / EMC1414
13
Revision 1.41 (02-23-12)
DATASHEET
Chapter 5 System Management Bus Interface Protocol
5.1
Communications Protocol
The EMC1413 / EMC1414 communicates with a host controller, such as an SMSC SIO, through the
SMBus. The SMBus is a two-wire serial communication protocol between a computer host and its
peripheral devices. A detailed timing diagram is shown in Figure 5.1.
For the first 15ms after power-up the device may not respond to SMBus communications.
.
5.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the SMBus Data line from a logic ‘1’ state to a logic
‘0’ state while the SMBus Clock line is in a logic ‘1’ state.
5.1.2
SMBus Address and RD / WR Bit
The SMBus Address Byte consists of the 7-bit client address followed by the RD / WR indicator bit. If
this RD / WR bit is a logic ‘0’, the SMBus Host is writing data to the client device. If this RD / WR bit
is a logic ‘1’, the SMBus Host is reading data from the client device.
The EMC1413-A and EMC1414-A SMBus slave address is determined by the pull-up resistor on the
THERM pin as shown in Table 5.1, "SMBus Address Decode".
The Address decode is performed by pulling known currents from VDD through the external resistor
causing the pin voltage to drop based on the respective current / resistor relationship. This pin voltage
is compared against a threshold that determines the value of the pull-up resistor.
Figure 5.1 SMBus Timing Diagram
Table 5.1 SMBus Address Decode
PULL UP RESISTOR ON
THERM PIN (±5%)
SMBUS ADDRESS
4.7k
1111_100(r/w)b
6.8k
1011_100(r/w)b
10k
1001_100(r/w)b
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
T HIGH
T LOW
T
HD:STA
T
SU:STO
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU:STA
T FALL
T
RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com