Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic CS4297 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
POWER DOWN STATES
DIGITAL FILTER CHARACTERISTICS
Notes: 5. Stop Band rejection determines filter requirements. Out-of-band rejection determines audible noise.
6. The integrated Out-of-Band generated by the DAC process, during normal PCM audio playback, over
a bandwidth 28.8 kHz to 100 kHz, with respect to a 1 VRMS DAC output.
Parameter
Min
Typ
Max
Unit
Full Power
3.3 V digital
5 V digital
5 V analog
-
12.7
21.4
35.0
-
mA
ADCs and Input Mux Powerdown (PR0)
3.3 V digital
5 V digital
5 V analog
-
5.32
9.80
23.1
-
mA
DACs Powerdown (PR1)
3.3 V digital
5 V digital
5 V analog
-
9.25
16.0
30.0
-
mA
Analog Mixer Powerdown, Vref on (PR2)
3.3 V digital
5 V digital
5 V analog
-
9.20
16.0
10.7
-
mA
Analog Mixer Powerdown, Vref off (PR3)
3.3 V digital
5 V digital
5 V analog
-
5.30
9.80
~0.00
-
mA
AC-Link Powerdown (PR4)
3.3 V digital
5 V digital
5 V analog
-
3.30
6.92
23.0
-
mA
Internal Clock Disable (PR5)
3.3 V digital
5 V digital
5 V analog
-
0.004
0.005
0.001
-
mA
Alternate Line Output Buffer Powerdown (PR6)
3.3 V digital
5 V digital
5 V analog
-
5.30
9.80
20.3
-
mA
Parameter
CS4297-KQ
CS4297-JQ
Unit
Min
Typ
Max
Min
Typ
Max
Transition Band
0.4 × Fs
-
0.6 × Fs 0.4 × Fs
-
0.6 × Fs
Hz
Stop Band
0.6 × Fs
--
0.6 × Fs
--
Hz
Stop Band Rejection
(Note 4, 5)
74
-
-
74
-
-
dB
Out-of-Band Energy
(Note 6)
-
-82
-
-
-40
-
dB
Group Delay
(Note 4)
-
-
1
-
-
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com