Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DS242F5
43
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Power Supplies
DVdd1, DVdd2 - Digital Supply Voltage
These pins provide the digital supply voltage for the AC-link section of the CS4297. These pins
may be tied to +5 V digital or to +3.3 V digital. The CS4297 and digital controller’s AC-link
should share a common digital supply
DVss1, DVss2 - Digital Ground
These pins are the digital ground connection for the AC-link section of the CS4297. These pins
should be isolated from analog ground currents.
AVdd1, AVdd2 - Analog Supply Voltage
These pins provide the analog supply voltage for the analog and mixed signal sections of the
CS4297. These pins must be tied to +5 Volt power supply. It is strongly recommended that +5
Volts be generated from a voltage regulator to ensure proper supply currents and noise
immunity from the rest of the system.
AVss1, AVss2 - Analog Ground
These pins are the ground connection for the analog, mixed signal, and substrate sections of the
CS4297. These pins should be isolated from digital ground currents.
REFERENCES
1) Intel, Audio Codec ‘97 Component Specifica-
tion, Revision 1.03, September 15, 1996.
http://developer.intel.com/pc-supp
/platform/ac97/
2) Cirrus Logic, CS4610 SoundFusion PCI Audio
Accelerator Data Sheet.
http://www.corp.cirrus.com/products/
overviews/cs4610.html
3) Cirrus Logic, CRD4610-1 AC’97 Motherboard
Reference Design Data Sheet.
http://www.cirrus.com/ftp/pubs/4610rd1.pdf
4) Steve Harris, Clif Sanchez, Personal Computer
Audio Quality Measurements, Ver 0.5
http://www.corp.cirrus.com/products/
papers/meas/meas.html
5) Microsoft, PC Design Guidelines,
http://www.microsoft.com/hwdev/desguid/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com