Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
REGISTER INTERFACE
Table 2. Mixer Registers
Reg
Num
Name
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
0
0
0
0
0
0
0
1
0
1
0
1
0
0
0
0
0150h
02h
Master Volume
Mute X
ML5 ML4 ML3 ML2 ML1 ML0 X
X
MR5 MR4 MR3 MR2 MR1 MR0 8000h
04h
Alternate Line Out Volume
Mute X
ML5 ML4 ML3 ML2 ML1 ML0 X
X
MR5 MR4 MR3 MR2 MR1 MR0 8000h
06h
Master Volume Mono
Mute X
X
X
X
X
X
X
X
X
MM5 MM4 MM3 MM2 MM1 MM0 8000h
08h
Reserved
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
0Ah
PC_BEEP Volume
Mute X
X
X
X
X
X
X
X
X
X
PV3
PV2
PV1
PV0
X
0000h
0Ch
Phone Volume
Mute X
X
X
X
X
X
X
X
X
X
GN4 GN3 GN2 GN1 GN0 8008h
0Eh
Mic Volume
Mute X
X
X
X
X
X
X
X
20dB X
GN4 GN3 GN2 GN1 GN0 8008h
10h
Line In Volume
Mute X
X
GL4 GL3 GL2 GL1 GL0 X
X
X
GR4 GR3 GR2 GR1 GR0 8808h
12h
CD Volume
Mute X
X
GL4 GL3 GL2 GL1 GL0 X
X
X
GR4 GR3 GR2 GR1 GR0 8808h
14h
Video Volume
Mute X
X
GL4 GL3 GL2 GL1 GL0 X
X
X
GR4 GR3 GR2 GR1 GR0 8808h
16h
Aux Volume
Mute X
X
GL4 GL3 GL2 GL1 GL0 X
X
X
GR4 GR3 GR2 GR1 GR0 8808h
18h
PCM Out Vol
Mute X
X
GL4 GL3 GL2 GL1 GL0 X
X
X
GR4 GR3 GR2 GR1 GR0 8808h
1Ah
Record Select
X
X
X
X
X
SL2 SL1 SL0 X
X
X
X
X
SR2 SR1 SR0 0000h
1Ch
Record Gain
Mute X
X
X
GL3 GL2 GL1 GL0 X
X
X
X
GR3 GR2 GR1 GR0 8000h
1Eh
Reserved
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
20h
General
Purpose
0
0
0
0
0
0
MIX MS
LPBK 0
0
0
0
0
0
0
0000h
22h
Reserved
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
24h
Reserved
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
26h
Powerdown Ctrl/Stat
0
PR6 PR5 PR4 PR3 PR2 PR1 PR0 0
0
0
0
REF ANL DAC ADC 000Fh
28h
Reserved
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
5Ah
Crystal Revision and Fab ID 0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
0301h
..
..
76h
Crystal Reserved
XX
X
X
X
X
X
X
X
X
X
XXX
XXXXXXh
78h
Crystal Reserved
XX
X
X
X
X
X
X
X
X
X
XXX
XXXXXXh
7Ah
Crystal Reserved
XX
X
X
X
X
X
X
X
X
X
XXX
XXXXXXh
7Ch
Vendor ID1(CR)
0
1
0
0
0
0
1
1
0
1
0
1
0
0
1
0
4352h
7Eh
Vendor ID2(Y2)
0
1
0
1
1
0
0
1
0
0
0
0
0
0
1
1
5903h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com