Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DS242F5
21
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
AC-Link Reset Modes
There are 3 methods to reset the CS4297. These are
defined in the AC’97 Specification as ‘Cold AC’97
Reset’, ‘Warm AC’97 Reset’, and AC’97 Register
Reset. A ‘Cold AC’97 Reset’ is required to restart
the AC-Link when bit PR5 is ‘set’ in register
(0x26).
Cold AC’97 Reset
A Cold Reset is performed simply by asserting RE-
SET# in accordance with the minimum timing
specifications in the Serial Port Timing section of
the data sheet. Once de-asserted, all of the AC’97
Registers will be reset to their default power-on
states and the BIT_CLK clock and SDATA_IN
signals will be reactivated. The timing of power-
up/reset events is discussed in detail in the Power
Management section of the data sheet.
Warm AC’97 Reset
The CS4297 may also be reactivated when the AC-
Link is powered down (refer to the PR4 bit descrip-
tion in the Power Management section of the data
sheet) by a Warm Reset. A Warm Reset allows the
AC-Link to be reactivated without losing informa-
tion in the AC’97 Registers. Warm Reset is initiat-
ed when the SYNC signal is driven high for at least
1 µs and then driven low in the absence of the
BIT_CLK clock signal. The BIT_CLK clock will
not restart until at least 2 normal BIT_CLK clock
periods (± 162.8 ns) after the SYNC signal is de-as-
serted.
AC’97 Register Reset
The third reset mode provides a register reset to the
CS4297. This is available only when the CS4297’s
AC-Link is active and the Codec Ready bit is ‘set’.
The Register Reset allows all user accessible regis-
ters in the CS4297 to be reset to their default, pow-
er-up values. A Register Reset occurs when any
value is written to AC’97 Register 00h.
AC-Link Protocol Violation - Loss of SYNC
The CS4297 was designed to handle SYNC proto-
col violations. The following are situations where
the SYNC protocol has been violated:
The SYNC signal is not sampled high for exactly
16 BIT_CLK clock cycles at the start of an audio
frame.
The SYNC signal is not sampled high on the 256th
BIT_CLK clock period after the previous SYNC
assertion.
The SYNC signal goes active high before the 256th
BIT_CLK clock period after the previous SYNC
assertion.
Upon loss of synchronization with the AC’97 Con-
troller, the CS4297 will mute all analog outputs and
‘clear’ the Codec Ready bit in the serial data input
frame until 2 valid frames are detected. During this
detection period, the CS4297 will ignore all regis-
ter reads and writes and will discontinue the trans-
mission of PCM capture data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com