Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic CS4297 Datasheet HTML 10Page - Cirrus Logic CS4297 Datasheet HTML 11Page - Cirrus Logic CS4297 Datasheet HTML 12Page - Cirrus Logic CS4297 Datasheet HTML 13Page - Cirrus Logic CS4297 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
PARAMETER AND TERM DEFINITIONS
AC’97 Specification
Refers to the Audio Codec ‘97 Component Specification Ver 1.03 published by Intel®
Corporation [1].
AC’97 Controller
Refers to the control chip which interfaces to the CS4297’s AC-Link. This has been also called
“DC’97” [1].
‘set’
Refers to a digital value of Vcc, “1”, or “high”.
‘clear’ or ‘cleared’
Refers to a digital value of GND, “0” or “low”.
AC’97 Registers
Refers to the 64-field register map defined in the AC’97 Specification.
ADC
Refers to a single Analog-to-Digital converter in the CS4297. “ADCs” refers to the stereo pair
of Analog-to-Digital converters.
DAC
A single Digital-to-Analog converter in the CS4297. “DACs” refers to the stereo pair of
Digital-to-Analog converters.
Codec
Refers to the set of ADCs, DACs, and Analog mixer portions of the CS4297.
FFT
Fast Fourier Transform.
Resolution
The number of bits in the output words to the DACs, and in the input words to the ADCs.
Differential Nonlinearity
The worst case deviation from the ideal code width. Units in LSB.
dB FS A
dB FS is defined as dB relative to full-scale. The “A” indicates an A weighting filter was used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com