Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DS242F5
39
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
PIN DESCRIPTIONS
Digital I/O Pins
RESET# - AC’97 Chip Reset, Input
This active low signal is the asynchronous Cold Reset input to the CS4297. The CS4297 must
be reset before it can enter normal operating mode.
SYNC - AC-link Serial Port Sync pulse, Input
This signal is the serial port timing signal for the AC-link of the CS4297. Its period is the
reciprocal of the sample rate of the CS4297, 48 kHz. This signal is generated by the AC’97
Controller and is synchronous to BIT_CLK. SYNC is also an asynchronous input when the
CS4297 is in a Warm Reset state. A series terminating resistor of 47
Ω should be connected on
this signal close to the device driving the signal.
BIT_CLK - AC-link Serial Port Master Clock, Output
This output signal controls the master clock timing for the AC-link. It is a 12.288 MHz clock
signal which is divided down by two from the XTL_IN input clock. A series terminating
resistor of 47
Ω should be connected on this signal close to the CS4297.
NC
LINE_OUT_L
NC
AFLT1
REFFLT
LINE_OUT_R
NC
NC
AFLT2
Vrefout
AVss1
AVdd1
6
2
4
8
10
1
3
5
7
9
11
12
13 14 15 16 17 18 19 20 21 22 23 24
31
35
33
29
27
36
34
32
30
28
26
25
48 47 46 45 44 43 42 41 40 39 38 37
BIT_CLK
XTL_IN
DVss1
SDATA_IN
SYNC
DVdd1
XTL_OUT
SDATA_OUT
DVdd2
RESET#
PC_BEEP
DVss2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com