Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4297 Datasheet HTML 1Page - Cirrus Logic CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DS242F5
5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
MIXER CHARACTERISTICS (for CS4297-KQ only)
ABSOLUTE MAXIMUM RATINGS (AVss1 = AVss2 = DVss1 = DVss2 = 0 V)
RECOMMENDED OPERATING CONDITIONS (AVss1 = AVss2 = DVss1 = DVss2 = 0 V)
Parameter
Min
Typ
Max
Unit
Mixer Gain Range Span
Line In, Aux, CD, Video, Mic1 Mic2, Phone, PC Beep
Line Out, Alternate Line Out, Mono Out
-
-
46.5
94.5
-
-
dB
dB
Step Size
All volume controls except PC Beep
PC Beep
-
-
1.5
3.0
-
-
dB
dB
Parameter
Min
Typ
Max
Unit
Power Supplies
+3.3 V Digital
+5 V Digital
Analog
-0.3
-0.3
-0.3
-
-
-
6.0
6.0
6.0
V
V
V
Total Power Dissipation
(Supplies, Inputs, Outputs)
-
210
450
mW
Input Current per Pin
(Except Supply Pins)
-10
-
10
mA
Output Current per Pin
(Except Supply Pins)
-15
-
15
mA
Analog Input voltage
-0.3
-
AVdd+
0.3
V
Digital Input voltage
-0.3
-
DVdd +
0.3
V
Ambient Temperature
(Power Applied)
-55
-
110
°C
Storage Temperature
-65
-
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
+3.3 V Digital
+5 V Digital
Analog
DVdd1, DVdd2
DVdd1, DVdd2
AVdd1, AVdd2
3.135
4.75
4.75
3.3
5
5
3.465
5.25
5.25
V
V
V
Operating Ambient Temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com