Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
26
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Record Gain Register (Index 1Ch)
This register controls the input gain on the analog source which is applied after the input mux and before
the ADCs. The 4-bit value allows for 0 dB to +22.5 dB of gain in 1.5 dB steps. The most significant bit of
the register controls an analog Mute which mutes the signal prior to the ADCs. The following table shows
the possible gain values available:
The default value for this register is 8000h, which corresponds to 0 dB gain with mute on.
Record Gain Mix (Index 1Eh)
The CS4297 does not support the optional 3rd ADC for the MIC PCM input. The Record Gain Mix register
has no function in The CS4297. Writes to this register are ignored, and reads from this register will always
return 0000h.
General Purpose Register (Index 20h)
This register controls miscellaneous facets of the CS4297 mixer. The only bits which have defined func-
tions in the CS4297 are the MIX, MS, and LPBK bits. The MIX bit selects which data to send to the Mono
Output Path. A ‘cleared’ value enables the Mono Mix out (a mix of the 5 analog stereo sources plus
PCM_OUT), while a ‘set’ value passes the MIC to the output. The MS (Mic Select) bit determines which
of the 2 MIC inputs are passed to the rest of the mixer. A ‘cleared’ value selects the MIC1 input, while a
‘set’ value selects the MIC2 input. The LPBK bit enables ADC/DAC Loopback Mode which is used to
facilitate performance evaluation of the CS4297.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
X
X
X
GL3
GL2
GL1
GL0
X
X
X
X
GR3
GR2
GR1
GR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
MIX
MS
LPBK
00
00000
Gx3 - Gx0
Gain
1111
+22.5 dB
0000
0 dB
Table 5. Input Mux Selection Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com