Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4297 Datasheet HTML 1Page - Cirrus Logic CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
TABLE OF CONTENTS
CHARACTERISTICS AND SPECIFICATIONS.....................................................4
Analog Characteristics .................................................................................4
Mixer Characteristics....................................................................................5
Absolute Maximum Ratings .........................................................................5
Recommended Operating Conditions ..........................................................5
Power Down States......................................................................................6
Digital Filter Characteristics .........................................................................6
Digital Characteristics ..................................................................................7
Serial Port Timing.........................................................................................7
Serial Port Timing.........................................................................................8
PARAMETER AND TERM DEFINITIONS ..........................................................10
GENERAL DESCRIPTION .................................................................................12
Overview ...................................................................................................12
Digital Section ...........................................................................................12
AC-Link ...............................................................................................12
AC’97 Register Interface .....................................................................12
Power Management ............................................................................12
Analog Section ..........................................................................................12
Output Mixer .......................................................................................12
Input Mux ............................................................................................12
Volume Control ...................................................................................12
AC’97 IMPLEMENTATION ................................................................................13
DIGITAL HARDWARE DESCRIPTION ..............................................................15
AC’97 AC-Link ...........................................................................................15
AC-Link Protocol .................................................................................15
AC-Link Serial Data Output Frame ...........................................................15
Slot 0: Serial Data Output Slot Tags ...................................................16
Slot 1: AC’97 Register Address ..........................................................16
Slot 2: AC’97 Register Write Data ......................................................17
Slot 3: Left Channel PCM Playback Data ...........................................17
Slot 4: Right Channel PCM Playback Data .........................................17
AC-Link Audio Input Frame .......................................................................18
Slot 0: Serial Data Input Slot Tag Bits ................................................18
Slot 1: Read-Back Address Port .........................................................19
Slot 2: Read-Back Data Port ...............................................................19
Slot 3: Left Channel PCM Capture Data .............................................19
Slot 4: Right Channel PCM Capture Data ..........................................20
AC-Link Reset Modes ...............................................................................21
Cold AC’97 Reset ...............................................................................21
Warm AC’97 Reset .............................................................................21
AC’97 Register Reset .........................................................................21
AC-Link Protocol Violation - Loss of SYNC ...............................................21
REGISTER INTERFACE .....................................................................................22
Reset Register (Index 00h) .................................................................23
Master Volume (Index 02h) ................................................................23
Alternate Volume (Index 04h) .............................................................23
Master Mono Volume (Index 06h) ......................................................23
PC_BEEP Volume (Index 0Ah) ..........................................................24
Phone_In Volume (Index 0Ch) ...........................................................24
Microphone Volume (Index 0Eh) ........................................................24
Stereo Analog Mixer Input Gain Registers (Index 10 - 18h) ...............25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com