Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
42
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
LINE_OUT_L and LINE_OUT_R - Analog Line Level Outputs
These signals are analog outputs from the stereo output mixer. The full scale output voltage for
output is nominally 1 VRMS and is internally biased at the Vrefout voltage reference. It is
required to either AC couple these pins to external circuitry or DC couple them to a buffer op-
amp biased at the Vrefout voltage. These pins need a 680 pF NPO capacitor attached to analog
ground.
ALT_LINE_OUT_L and ALT_LINE_OUT_R - Analog Alternate Line Level Outputs
These signals are analog outputs from the stereo output mixer. The full scale output voltage for
each output is nominally 1 VRMS and is internally biased at the Vrefout voltage reference. It is
required to either AC couple these pins to external circuitry or DC couple them to a buffer op-
amp biased at the Vrefout voltage. These pins need a 680 pF NPO capacitor attached to analog
ground.
MONO_OUT, Analog Mono Line Level Output
This signal is an analog output from the Mono output mixer. This is a left and right channel
mix of the output of the stereo input mixer. The full scale output is nominally 1 VRMS and is
internally biased at the Vrefout voltage reference. AC coupling to external circuitry is required.
This pin needs a 680 pF NPO capacitor attached to analog ground.
Filter and Reference Pins
REFFLT - Internal Reference Voltage, Input
This is the voltage reference used internal to the part. A 0.1
µF and a 1 µF (must not be larger
than 1
µF) capacitor with short, wide traces must be connected to this pin. No other
connections should be made to this pin.
Vrefout - Voltage Reference, Output
All analog inputs and outputs are centered around Vrefout which is nominally 2.2 Volts. This
pin may be used to level shift external circuitry, however any external loading should be
buffered.
AFLT1 - Left Channel Antialiasing Filter Input
This pin needs a 390 pF NPO capacitor attached to analog ground.
AFLT2 - Right Channel Antialiasing Filter Input
This pin needs a 390 pF NPO capacitor attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com