Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 13Page - Cirrus Logic CS4297 Datasheet HTML 14Page - Cirrus Logic CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DS242F5
17
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Slot 2: AC’97 Register Write Data
Slot 2 indicates the Register Data of the current frame’s register write access.The 20 bits of this slot are
defined as:
WD15 - WD0 - Bits 19-4 contain the 16-bit value to be written to the register. Bits 3-0 are ignored, but
should always be ‘cleared’. If the access is a read, this slot is ignored. The data in Slot 2 will only be valid
when the Slot Valid bit 13 of Slot 0 (F2) corresponding to Slot 2 is ‘set’.
NOTE: For any write to an AC’97 Register, the write is defined to be an ‘atomic’ access. This means that
when the slot valid bit for Slot 1 is ‘set’, the slot valid bit for Slot 2 should always be ‘set’ during the same
audio frame. No write access may be split across 2 frames.
Slot 3: Left Channel PCM Playback Data
Slot 3 contains the left channel data. The 20 bits of this slot are defined as:
LP17 - LP0 - This is the 18-bit PCM playback 2’s compliment data for the left channel DAC in the
CS4297. The PCM playback data will be taken from the most significant 18 of the 20 bits in the slot. The
least significant 2 bits will be ignored. Any PCM data from the AC’97 Controller that is not at least 18-
bits should be left justified in Slot 3 and dithered or zero-padded in the unused bit positions.
Slot 4: Right Channel PCM Playback Data
Slot 4 contains the right channel data. The 20 bits of this slot are defined as:
RP17 - RP0 - This is the 18-bit PCM playback 2’s compliment data for the right channel DAC in the
CS4297. The PCM playback data will be taken from the most significant 18 of the 20 bits in the slot. The
least significant 2 bits will be ignored. Any PCM data from the AC’97 Controller that is not at least 18-
bits should be left justified in Slot 4 and dithered or zero-padded in the unused bit positions.
F36
F37
F38
F39
F40
F41
F42
F43
F44
F45
F46
F47
F48
F49
F50
F51 F52 F53 F54 F55
Bit 19
18
17
16
15
14
13
12
11
10
987654
3210
WD15 WD14 WD13 WD12 WD11 WD10 WD9 WD8 WD7 WD6 WD5 WD4 WD3 WD2 WD1 WD0
Reserved
F56
F57
F58
F59
F60
F61
F62
F63
F64
F65
F66
F67
F68
F69
F70
F71
F72
F73
F74
F75
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
LP17 LP16 LP15 LP14 LP13 LP12 LP11 LP10 LP9
LP8
LP7
LP6
LP5
LP4
LP3
LP2
LP1
LP0
Reserved
F76
F77
F78
F79
F80
F81
F82
F83
F84
F85
F86
F87
F88
F89
F90
F91
F92
F93
F94
F95
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
RP17 RP16 RP15 RP14 RP13 RP12 RP11 RP10 RP9 RP8 RP7 RP6 RP5 RP4 RP3 RP2 RP1 RP0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com