Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DS242F5
33
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
GROUNDING AND LAYOUT
Figure 10 is the suggested layout for the CS4297.
The decoupling capacitors should be located phys-
ically as close to the pins as possible. Also note the
routing of the REFFLT decoupling capacitors and
the isolation of that ground strip.
It is strongly recommended that the device be locat-
ed on a locally separate analog ground plane. This
analog ground plane is used to keep noise from dig-
ital ground return currents from modulating the
CS4297’s ground potential and degrading perfor-
mance. The digital ground pins should be connect-
ed to the digital ground plane and kept separate
from the analog ground connections of the CS4297
and any other external analog circuitry.
It is also recommended that the common connec-
tion point between the two ground planes (required
to maintain a common ground voltage potential) be
located near the CS4297 just under the digital
ground connections (vias). The AC-Link digital in-
terface connection traces should be routed such that
digital ground plane lies underneath these signals
(on the internal ground layer) from the AC’97 Con-
troller continuously to the CS4297.
Analog Ground
To Digital Ground
Pin 1
0.1 µF
390 pF
NPO
1µF
To Analog
Ground
To +5VA
To +5VD
0.1 µF
Y5V
To +5VD
0.1 µF
Y5V
Y5V
0.1 µF
Y5V
To +5VA
AVdd2
AVss2
AFLT2
AFLT1
REFFLT
AVss1
AVdd1
DVss1
DVss2
DVdd2
DVdd1
Vrefout
to via
To Analog
Ground
Figure 10. Suggested Layout for the CS4297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com