Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
24
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
PC_BEEP Volume (Index 0Ah)
The PC_BEEP Volume control register controls the mix of the PC_BEEP in the Analog Output Mixer.
Each register step corresponds to 3.0 dB volume adjustment, thus offering a range between 0 dB and 45 dB
of attenuation. The MSB of this register controls a master analog mute for the PC_BEEP. Bits PV3 - PV0
of the register control the actual volume levels.
NOTE: The 4 valid data bits for the PC_BEEP volume control are not aligned to the least significant bits
of the register. Valid data bit 0 (PV0) corresponds to bit D1 of the register. Also, each step of the value
(PV3 - PV0) corresponds to a 3 dB step in volume control, as opposed to all other gain controls, which
have a 1.5 dB step size.
Also note that the default state of the mute bit (bit D15) is ‘cleared’, meaning that the PC_BEEP is un-
muted on power-up.
Phone_In Volume (Index 0Ch)
This register controls the gain level of the Phone_In input source to the Ouput mixer. Each register step
corresponds to a 1.5 dB gain adjustment allowing a range of 12 dB to -34.5 dB of gain. The MSB controls
an analog mute for the Phone_In signal.
The default values for Phone_In is 8008h, corresponding to 0 dB attenuation and mute on.
Microphone Volume (Index 0Eh)
This register controls the gain level of the Mic_In input source to the Input Mixer. It also controls the
+20 dB gain block which connects to the input volume control and to the Input Record Mux. Each register
step (GN4 - GN0) corresponds to a 1.5 dB gain adjustment allowing a range of 12 dB to -34.5 dB of gain.
The 20dB bit, when ‘set’, enables the 20 dB gain block. The MSB controls an analog mute for the Mic_In
signal. The Mic_In source is selected through the General Purpose register
The default values for MIC_IN is 8008h, corresponding to 0 dB attenuation and mute on.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
X
X
X
X
X
X
X
X
X
X
PV3
PV2
PV1
PV0
X
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
XX
XX
XX
XX
XX
GN4
GN3
GN2
GN1
GN0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
XX
XX
XX
XX
20dB
X
GN4
GN3
GN2
GN1
GN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com