Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
30
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
The inputs to the output mixer are: the input mixer
output, the PC Beep mono input, and the Phone
mono input.
All analog inputs to the CS4297, including
CD_GND, should be capacitively coupled to the
input pins.
Since many analog levels can be as large as
2VRMS, the circuit shown in Figure 4 can be used
to attenuate the analog input by 6 dB (to 1 VRMS)
which is the maximum voltage allowed for all the
stereo line-level inputs: LINE_IN, AUX_IN, and
VIDEO_IN.
The CD line-level inputs have an extra pin,
CD_GND, which provides a pseudo-differential
input for both CD_L and CD_R. This pin takes the
common-mode noise out of the CD inputs when
connected to the ground coming from the CD ana-
log source. Connecting the CD pins as shown in
Figure 5 provides extra attenuation of common
mode noise coming from the CDROM drive, there-
by producing a higher quality signal. One percent
resistors are recommended since the better the re-
sistors match, the better the common-mode attenu-
ation of unwanted signals. If CD is not used, the
inputs should be connected through AC capacitors
to analog ground or connected to Vrefout.
Microphone Level Inputs
The microphone level inputs, MIC1 and MIC2, in-
clude a selectable -34.5 dB to +12 dB gain stage for
interfacing to an external microphone. An addition-
al 20 dB gain block is also available. Figure 6 illus-
trates a single-ended microphone input buffer
circuit that will support lower gain mics. The cir-
cuit in Figure 6 supports dynamic mics and phan-
tom-powered mics that use the right channel (ring)
of the jack for power.
Mono Inputs
The mono input, PC_BEEP, is useful for mixing
the output of the “beeper” (timer chip), provided in
all PCs, with the rest of the audio signals. The at-
tenuation control allows 16 levels in -3 dB steps. In
addition, a mute control is provided. The attenuator
is a single channel block with the resulting signal
sent to the output mixer where it is mixed with the
left and right outputs. Figure 7 illustrates a typical
input circuit for the PC_BEEP input. If PC_BEEP
is driven from a CMOS gate, the 4.7 k
Ω should be
tied to AGND instead of VA+. Although this input
is described for a low-quality beeper, the input is of
the same high-quality as all other analog inputs and
may be used for other purposes.
The mono input, PHONE_IN, can be used to inter-
face to the output of a MODEM Analog Front End
6.8 k
Ω
6.8 k
Ω
1.0
µF
1.0
µF
R
L
6.8 k
Ω
6.8 k
Ω
Figure 4. Line Inputs
6.8 k
Ω
6.8 k
Ω
1.0
µF
1.0
µF
CD_L
CD_R
6.8 k
Ω
6.8 k
Ω
3.4 k
Ω
CD_GND
2.0
µF
3.4 k
Ω
(All resistors 1%)
Figure 5. Differential CDROM In
0.33
µF
220 pF
NPO
3.3
µF
+
6.8 K
Ω
47 k
Ω
MC33078 or
MC33178
Vrefout
MIC1
or
MIC2
1
µF
+
0.33
µF
X7R
2 k
Ω
47 k
Ω
0.1
µF
47
Ω
100 pF
NPO
Figure 6. Microphone Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com