Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4297 Datasheet HTML 1Page - Cirrus Logic CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
CS4297
Product Data Sheet
CrystalClear™
SoundFusion™ Audio
Codec ’97
FEATURES
n AC’97 1.03 Compatible
n Industry Leading Mixed Signal Technology
n 18-bit stereo full-duplex Codec with fixed 48 kHz
sampling rate
n Four analog line-level stereo inputs for connec-
tion from LINE IN, CD, VIDEO and AUX
n Two analog line-level mono inputs for speaker-
phone and internal PC Beeper
n Mono microphone input switchable from two
external sources
n High quality differential CD input
n Dual Stereo line level outputs
n Extensive power management support
n Meets or exceeds Microsoft’s® PC’97 and PC’98
audio performance requirements.
DESCRIPTION
The CS4297 is a AC’97 1.03 compatible stereo au-
dio Codec designed for PC multimedia systems.
Using the industry leading CrystalClear delta-sig-
ma and mixed signal technology, the CS4297
paves the way for PC’97-compliant desktop, porta-
ble, and entertainment PCs, where high-quality
audio is required.
The CS4297, when coupled with a DC’97 PCI au-
dio accelerator such as the CS4610, implements a
cost-effective, superior quality, two-chip audio so-
lution. The CS4297 Audio Codec ’97 and CS4610
PCI Audio Accelerator are the first members of the
SoundFusion family of advanced PCI audio prod-
ucts for next generation multimedia PCs.
ORDERING INFO
CS4297-KQ, 48-pin TQFP, 9x9x1 mm
CS4297-JQ, 48-pin TQFP, 9x9x1 mm
DS242F5
JUN ‘99
AC’97
REGISTERS
LINE
CD
AUX
VIDEO
MIC1
MIC2
PHONE
PC_BEEP
LINE_OUT
ALT_LINE_OUT
MONO_OUT
ANALOG INPUT MUX
AND OUTPUT MIXER
AC-LINK AND AC’97
REGISTERS
PCM_DATA
GAIN / MUTE CONTROLS
INPUT
MUX
Σ
OUTPUT
MIXER
MIXER / MUX SELECTS
AC-
LINK
PWR
MGT
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
PCM_DATA
DAC
18 bits
ADC
18 bits


Similar Part No. - CS4297

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4297 CIRRUS-CS4297 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4297 CIRRUS-CS4297 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4297A CIRRUS-CS4297A Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

Similar Description - CS4297

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
CrystalClear Audio Codec 97 with headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
CrystalClear Audio Codec 97 with Portable Computing
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
SoundFusion Audio/Modem Codec 97 (AMC 97)
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
CrystalClear SoundFusion PCI Audio Accelerator
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com