Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
28
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Vendor Reserved Registers (Index 5C - 7Ah)
These registers are reserved for future use by the Crystal as needed. The CS4297 ignores writes to these
registers, and read values from these registers will return 0000h.
Vendor ID1 (Index 7Ch)
Vendor ID2 (Index 7Eh)
The Vendor ID registers provide a means to determine the manufacturer of the AC’97 part within a system.
For the CS4297, the ID registers contain the ASCII code for the first 3 letters of Crystal (CRY). The final
byte of register ID2 is a Revision field for the part. In the case of the CS4297, the revision is 03h. Thus,
register ID1 contains the value 4352h, and register ID2 contains 5903h.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
01
00
00
10
01
01
00
10
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
01
01
10
01
00
00
00
11
Register #
Vendor ID Value
7Ch
4352h
7Eh
5903h
Table 8. Vendor ID Register Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com