Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
DS242F5
31
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
(AFE) chip so that Modem dialing signals and pro-
tocol negotiations may be monitored through the
audio system. Like all other analog inputs, this pin
must be AC coupled and the input signal must be
limited to 1 VRMS.
Line Level Outputs
The analog output section provides a stereo line-
level output and an alternate stereo line-level out-
put.
LINE_OUT_L,
LINE_OUT_R,
ALT_LINE_OUT_L, and ALT_LINE_OUT_R
outputs should be capacitively coupled to external
circuitry.
The mono output, MONO_OUT, can be used as ei-
ther a sum of the left and right output channels at-
tenuated by 6 dB to prevent clipping at full scale or
the selected MIC_IN signal. The mono out channel
can be used to drive the PC internal mono speaker
using an appropriate drive circuit. This approach
allows the traditional PC sounds to be integrated
with the rest of the audio system. The mute control
is independent of the line outputs allowing the
mono channel to mute the speaker without muting
the line outputs.
Each of the 5 analog outputs, if used in the design,
require 680 pF or larger NPO dielectric capacitors
between the corresponding pin and AGND. Each
analog output is DC biased up to the Vrefout volt-
age signal reference which is nominally 2.2 V. This
requires that the output either be AC coupled to ex-
ternal circuitry (AC load must be greater than 10
k
Ω) or DC coupled to a buffer op-amp biased at the
Vrefout voltage (see Figure 8 for the recommended
headphone op-amp circuit).
2.7 nF
47 k
Ω
4.7 k
Ω
0.1
µF
PC_BEEP
1
+5VA (Low Noise) or
AGND - if CMOS Source
Figure 7. Mono Input
Figure 8. Headphones Driver
AGND
AGND
AGND
1/4 WATT
1/4 WATT
HP_OUT_R
ALT_LINE_OUT_L
HP_OUT_L
Vrefout
ALT_LINE_OUT_R
22pF
NPO
39k
Ω
4
1
2
3
22pF
NPO
TDA1308
+
-
5
6
7
27k
Ω
4
1
2
3
TDA1308
+
-
3
2
1
220
µF
ELEC
+
47K
Ω
4
1 2
3
ELEC
+
680pF
NPO
680pF
NPO
0.1
µF
Y5V
1.0
µF
Y5V
220
µF
10
Ω
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com