Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic CS4297 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
34
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
PERFORMANCE PLOTS
Figures 11 through 26 show the overall Frequency
Response, the THD+N over frequency, and the DR
over frequency of the ADCs, the DACs, the analog
mixer (Line In to Line Out) and the microphone in-
puts. Crosstalk plots and the noise floor FFT plots
of the DACs, the analog mixer and the muted noise
floor of the CS4297 are also included. All plots
were taken on a CRD4297-1 with a CS4297-KQ
Codec.
Figures 11, 14, 17, and 20: The Frequency Re-
sponse plots were taken using a -20 dB FS input
signal swept over the frequency range of 20 Hz to
20 kHz and normalized to 0 dB at 1 kHz.
Figures 12, 15, 18, and 21: The THD+N plots were
taken using a -3 dB FS input signal swept over the
frequency range of 20 Hz to 20 kHz. These perfor-
mance plots used an “A”-weighted filter applied on
the output with the exception of the ADC THD+N
plot.
Figures 13, 16, 19, and 22: The Dynamic Range
plots were taken using a -50 dB FS input signal
swept over the frequency range of 20 Hz to 20 kHz.
These performance plots used an “A”-weighted fil-
ter applied on the output with the exception of the
ADC Dynamic Range plot.
Figure 23: The crosstalk plot was generated using a
0 dB FS input signal on one channel of the
LINE_IN input and measuring the magnitude of
the other output channel swept over the frequency
range of 20 Hz to 20 kHz. This performance plots
used an “A”-weighted filter applied on the output
Figures 24, 25, and 26: The noise floor plots were
generated by running a 16K-point FFT on the
LINE_OUT output with no input signal applied.
The Muted Noise Floor plot was taken with the
master mute bit ‘set’ (bit D15, register 0x02h).
These performance plots used an “A”-weighted fil-
ter applied on the output
All audio performance plots used unity gain set-
tings on the analog volume controls. Additionally,
the microphone input plots were taken with the +20
dB gain stage enabled (bit D6, register 0x0Eh).
The ADC plots used the A-D signal path. The DAC
plots used the D-A signal path. The mixer and the
microphone plots used the A-A signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com