Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
DS242F5
27
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Powerdown Control/Status Register (Index 26h)
The bits in this register correspond to the AC’97 defined powerdown and status functions. See the follow-
ing tables for the definitions of the individual bits which the CS4297 supports.
Reserved Registers (Index 28h - 58h)
These registers are reserved for future use by the AC’97 specification. The CS4297 ignores writes to these
registers.
Crystal Revision and Fab ID Register (Index 5Ah)
This vendor reserved register is being used by the CS4297 to indicate the revision level of the CS4297 as
well as the Fab ID where the part was manufactured. This is in addition to the Vendor ID registers located
below. The revision level is indicated in bits D11:8 and will be 03h for the release revision of the chip.
The Fab ID is indicated in bits D3:0 and will be 01h.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PR6
PR5
PR4
PR3
PR2
PR1
PR0
0
0
0
0
REF
ANL
DAC
ADC
Bit Name
Function
REF
Vref at nominal levels
ANL
Analog Mixers, Mux, and Vol-
ume Controls ready
DAC
DAC ready to accept data
ADC
ADC ready to transmit data
Table 6. Codec Powerdown Status Bits
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
00
11
00
00
00
01
Bit Name
Function
PR0
ADCs and Input Mux Powerdown
PR1
DACs Powerdown
PR2
Analog Mixer Powerdown (Vref still on)
PR3
Analog Mixer Powerdown (Vref off)
PR4
AC-Link Powerdown (BIT_CLK off)
PR5
Internal Clock Disable
PR6
Alternate Line Output Buffer Powerdown
Table 7. Codec Powerdown Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com