Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
44
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
----
0.063
----
1.600
A1
0.002
0.006
0.050
0.150
B
0.007
0.011
0.170
0.270
D
0.343
0.366
8.700
9.300
D1
0.272
0.280
6.900
7.100
E
0.343
0.366
8.700
9.300
E1
0.272
0.280
6.900
7.100
e*
0.016
0.024
0.400
0.600
L
0.018
0.030
0.450
0.750
∝
0.000°
7.000°
0.000°
7.000°
* Nominal pin pitch is 0.50 mm
Controlling dimension is mm.
JEDEC Designation: MS026
48L TQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com