Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DS242F5
25
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Stereo Analog Mixer Input Gain Registers (Index 10 - 18h)
These registers control the gain levels of the analog input sources to the Input Mixer. Each register step for
all registers corresponds to 1.5 dB gain adjustment, thus allowing a range of 12 dB to -34.5 dB of gain.
The MSB of these registers control an analog mute for each source to input mixer. Bits Gx4 - Gx0 of the
registers are used to control the gain levels for each source. The gain mapping for these bits is shown in
Table 3.
For the stereo source registers (10h through 18h), the default values are 8808h, corresponding to 0 dB at-
tenuation for both channels, and mute on.
Input Mux Select Register (Index 1Ah)
This register selects the input source to pass to the ADCs for capturing PCM data. The AC’97 specification
allows for independent control of the left and right channels for this mux. Bits SL2 - SL0 provide the de-
code for the left input mux, and bits SR2 - SR0 provide the decode for the right. Shown below are the pos-
sible values for each of these decodes:
The default power-on value for this register is 0000h, selecting the MIC inputs for both channels.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
X
X
GL4
GL3
GL2
GL1
GL0
X
X
X
GR4
GR3
GR2
GR1
GR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
X
SL2
SL1
SL0
XX
XX
X
SR2
SR1
SR0
Gx4 - Gx0
Gain Level
00000
+12 dB
00001
+10.5 dB
……
00111
+1.5 dB
01000
0 dB
01001
-1.5 dB
……
11111
-34.5 dB
Table 3. Analog Mixer Input Gain Values
Sx2 - Sx0
Record Source
0MIC
1
CD Input
2
Video Input
3
AUX Input
4
Line Input
5Stereo Mix
6
Mono Mix
7
Phone Input
Table 4. Input Mux Selection Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com