Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 12Page - Cirrus Logic CS4297 Datasheet HTML 13Page - Cirrus Logic CS4297 Datasheet HTML 14Page - Cirrus Logic CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
16
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Slot 0: Serial Data Output Slot Tags
The first slot, Slot 0, is a 16-bit slot which contains information about the validity of data for the remaining
12 slots. The 16 bits of this slot are defined as:
Valid Frame - Bit 15 determines if any of the following slots contain valid data. If this bit is ‘set’, at least
one of the other 12 slots contain valid data. If this bit is ‘cleared’, the remainder of the frame will be ig-
nored.
Slot 1 Valid - Bit 14 indicates the validity of data in the serial data output Slot 1. If this bit is ‘set’, Slot 1
contains valid data. If this bit is ‘cleared’, Slot 1 will be ignored.
Slot 2 Valid - Bit 13 indicates the validity of data in the serial data output Slot 2. If this bit is ‘set’, Slot 2
contains valid data. If this bit is ‘cleared’, Slot 2 will be ignored.
Slot 3 Valid - Bit 12 indicates the validity of data in the serial data output Slot 3. If this bit is ‘set’, Slot 3
contains valid data. If this bit is ‘cleared’, Slot 3 will be ignored.
Slot 4 Valid - Bit 11 indicates the validity of data in the serial data output Slot 4. If this bit is ‘set’, Slot 4
contains valid data. If this bit is ‘cleared’, Slot 4 will be ignored.
Slot 0 bits 10 through 0 represent unimplemented data slots in the CS4297 and will be ignored.
The input PCM data to the CS4297 on the SDATA_OUT pin is shifted out MSB justified (most significant
bit of the actual data of the 20-bit slots). In any case where there are less than 20-bits of valid data for a
slot (i.e.: 18-bit PCM data in a 20-bit slot), the trailing bits of the slot must be ‘cleared’ by the AC’97 Con-
troller. For Slots 5 - 12, the AC’97 Controller should ‘clear’ each bit in each frame, however data in these
slots will be ignored.
Slot 1: AC’97 Register Address
Slot 1 indicates the Register Address of the current frame’s register access. The 20 bits of this slot are de-
fined as:
Table 1. Command Address Port Bit Definition
R/W - Bit 19 is the Read/Write bit. When this bit is ‘set’, a read of the AC’97 Register specified by the
Register Index will occur. When the bit is ‘cleared’, a write will occur. In both cases, register accesses only
occur when the Slot Valid bit 14 of Slot 0 (F1) corresponding to Slot 1 is ‘set’.
RI6 - RI0 - Bits 18-12 contain the 7-bit register index to the AC’97 Registers in the CS4297. All registers
are defined at word addressable boundaries. Bit 12 will be saved for historic purposes but is not decoded.
Bits 11-0 are reserved and should always be ‘cleared’ the AC’97 Controller.
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F13
F14
F15
Bit 15
14
13
12
11
10
9
8
765
43210
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Not Used
F16
F17
F18
F19
F20
F21
F22
F23
F24
F25
F26
F27
F28
F29
F30
F31
F32
F33
F34
F35
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
R/W
RI6
RI5
RI4
RI3
RI2
RI1
RI0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com