Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 10Page - Cirrus Logic CS4297 Datasheet HTML 11Page - Cirrus Logic CS4297 Datasheet HTML 12Page - Cirrus Logic CS4297 Datasheet HTML 13Page - Cirrus Logic CS4297 Datasheet HTML 14Page - Cirrus Logic CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
DS242F5
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
4. The digital outputs are specified with a 18 pF ca-
pacitive load.
5. The nominal Vrefout level is 2.2 V.
6. All analog mixer input and output paths are de-
signed to achieve greater than 90 dBFSA Dynamic
Range.
7. All stereo-to-mono mixer stages contain a scale
factor of -6 dB to prevent output clipping of the
summed mono signal.
8. When the analog mixer is powered down, the
control registers for Record Select and Record
Gain are frozen. The analog mixer stage must be
powered up to gain access to these registers.
9. The Headphone Output pins have been imple-
mented as an Alternate Line Output. These pins
must drive loads greater than 10 k
Ω, just as the
Line Outputs.
10. Reserved bits in the AC’97 serial data input
stream may return a ‘set’ or a ‘cleared’ value.
11. The Vref pin defined in the AC’97 Specifica-
tion has been renamed to REFFLT. This pin is used
for internal filtering and should not be used as an
external circuit bias voltage. The Vrefout pin is
used to supply biasing voltages to external analog
circuitry. This pin is not capable of supplying 5 mA
of bias current as the specification indicates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com