Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
DS242F5
19
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Slot 1: Read-Back Address Port
Slot 1 is the Read-Back Address Port. The Read-Back Address Port is used to echo the AC’97 Register
address back to the AC’97 Controller when the CS4297 has been issued a read request from the previous
frame. Included only for historical purposes, this address may be used by the AC’97 Controller to synchro-
nize read accesses. The CS4297 will only echo the register index for a read access. Write accesses will not
return valid data in Slot 1. The 20 bits of this slot are defined as:
RI6 - RI0 - Bits 18-12 contain the 7-bit register index to the AC’97 Registers in the CS4297.
All other undefined bits in Slot 1 will be returned by the CS4297 ‘cleared’.
Slot 2: Read-Back Data Port
Slot 2 is the Read-Back Data Port. The Read-Back Data Port contains the register data requested by the
AC’97 Controller from the previous read request. It reflects the valid data bits from the 16-bit AC’97 Reg-
ister being read. All read requests will return read addresses and data on the following serial data frame.
The 20 bits of this slot are defined as:
WD15 - WD0 - Bits 19-4 contain the 16-bit AC’97 Register value returned to the AC’97 Controller by the
CS4297. Bits 3-0 are undefined in Slot 2 and will be returned by the CS4297 ‘cleared’.
NOTE: The CS4297 implements bus-keeper logic for its 16-bit registers. Any read accesses from AC’97
Registers with undefined bits may return a ‘set’ or ‘clear’ value. The value returned depends on the state
of that bit location from the previous access. No AC’97 Controller software dependencies should exist on
the value of undefined AC’97 Register bits. For a list of the undefined bits in the AC’97 register map, see
Table 2, Mixer Registers.
Slot 3: Left Channel PCM Capture Data
Slot 3 contains the left channel data. The 20 bits of this slot are defined as:
LP17 - LP0 - This is the 18-bit PCM 2’s compliment capture data from the left channel ADC in the
CS4297. The PCM capture data is left justified in the most significant 18 of the 20 bits in the slot.
The least significant 2 bits will be ‘cleared’.
F16
F17
F18
F19
F20
F21
F22
F23
F24
F25
F26
F27
F28
F29
F30
F31
F32
F33
F34
F35
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
0
RI6
RI5
RI4
RI3
RI2
RI1
RI0
000
000
0000
00
F36
F37
F38
F39
F40
F41
F42
F43
F44
F45
F46
F47
F48
F49
F50
F51
F52
F53
F54
F55
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
0
0
0
0
F56
F57
F58
F59
F60
F61
F62
F63
F64
F65
F66
F67
F68
F69
F70
F71
F72
F73
F74
F75
Bit 19
18
17
16
15
14
13
12
11
10
9
876
5432
10
LP17 LP16 LP15 LP14 LP13 LP12 LP11 LP10 LP9
LP8
LP7
LP6
LP5
LP4
LP3
LP2
LP1
LP0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com