Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4297 Datasheet HTML 1Page - Cirrus Logic CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
DS242F5
3
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
Input Mux Select Register (Index 1Ah) ............................................... 25
Record Gain Register (Index 1Ch) ..................................................... 26
Record Gain Mix (Index 1Eh) ............................................................. 26
General Purpose Register (Index 20h) ............................................... 26
Powerdown Control/Status Register (Index 26h) ............................... 27
Reserved Registers (Index 28h - 58h) ................................................ 27
Crystal Revision and Fab ID Register (Index 5Ah) ............................. 27
Vendor Reserved Registers (Index 5C - 7Ah) .................................... 28
Vendor ID1 (Index 7Ch) ..................................................................... 28
POWER MANAGEMENT ................................................................................... 29
ANALOG HARDWARE DESCRIPTION ............................................................ 29
Line-Level Inputs ....................................................................................... 29
Microphone Level Inputs ........................................................................... 30
Mono Inputs .............................................................................................. 30
Line Level Outputs .................................................................................... 31
Miscellaneous Analog Signals .................................................................. 32
Power Supplies ......................................................................................... 32
GROUNDING AND LAYOUT ............................................................................. 33
PERFORMANCE PLOTS ................................................................................... 34
PIN DESCRIPTIONS........................................................................................... 39
Digital I/O Pins .................................................................................... 39
Analog I/O Pins .................................................................................. 40
Filter and Reference Pins ................................................................... 42
Power Supplies .................................................................................. 43
REFERENCES ................................................................................................... 43
PACKAGE DIMENSIONS ................................................................................... 44
Contacting Cirrus Logic Support
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at:
http://www.cirrus.com/corporate/contacts/
Microsoft is a registered trademark of Microsoft Corporation in the United States and/or other countries.
Intel is a registered trademark of Intel Corporation.
Preliminary product information describes products which are in production, but for which full characterization data is not yet available. Advance product infor-
mation describes products which are in development and subject to development changes. Cirrus Logic, Inc. has made best efforts to ensure that the information
contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided “AS IS” without warranty of
any kind (express or implied). No responsibility is assumed by Cirrus Logic, Inc. for the use of this information, nor for infringements of patents or other rights
of third parties. This document is the property of Cirrus Logic, Inc. and implies no license under patents, copyrights, trademarks, or trade secrets. No part of
this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or
otherwise) without the prior written consent of Cirrus Logic, Inc. Items from any Cirrus Logic website or disk may be printed for use by the user. However, no
part of the printout or electronic files may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical,
photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc.Furthermore, no part of this publication may be used as a basis for manufacture
or sale of any items without the prior written consent of Cirrus Logic, Inc. The names of products of Cirrus Logic, Inc. or other vendors and suppliers appearing
in this document may be trademarks or service marks of their respective owners which may be registered in some jurisdictions. A list of Cirrus Logic, Inc. trade-
marks and service marks can be found at http://www.cirrus.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com