Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 65 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 65 Page - ams AG

Back Button AS3709 Datasheet HTML 61Page - ams AG AS3709 Datasheet HTML 62Page - ams AG AS3709 Datasheet HTML 63Page - ams AG AS3709 Datasheet HTML 64Page - ams AG AS3709 Datasheet HTML 65Page - ams AG AS3709 Datasheet HTML 66Page - ams AG AS3709 Datasheet HTML 67Page - ams AG AS3709 Datasheet HTML 68Page - ams AG AS3709 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 65
Ap pl ication I n f o rmation
PCB with minimum 4 layers is recommended.
Figure 89:
Layout Guidelines 2/2
Layout Guidelines 2/2: Layout Guidelines 2/2: This figure shows the recommended layout and placement of the external components for the 1 x 2A & 1 x 3A application
circuit. Red lines and areas are connections on TOP layer. Grey lines and areas are GND and PVSS connections on TOP layer. Light blue lines and areas are connections on
an inner layer or BOTTOM layer. Black round dots are vias. VSUP areas should be connected to an inner VSUP plane via vias. GND and PVSS areas should be connected to
an inner GND plane via vias. A PCB with minimum 4 layers is recommended.
1
3
5
7
AS3709
QFN 32-pin 4x4mm
Exposed Pad: GND
24
22
20
18
23
21
19
17
2
4
6
8
33
LX_SD5
LX_SD4
VSUP_SD3
LX_SD3
VSUP_SD2
FB_SD1
PVSS_SD1
LX_SD1
FB_SD3
PVSS_SD4
SD3 & SD4 & SD5
SD1 & SD1
VSUP
SD4+SD5
CIN_SD1
COUT_SD1/2
COUT_SD1/2
CIN_SD2
L1
L3
COUT_SD3/4/5
COUT_SD3/4/5
COUT_SD3/4/5
CIN_SD5
CIN_SD4
CIN_SD3
VSUP_SD1
LX_SD1
FB_SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com