Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 51 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 51 Page - ams AG

Back Button AS3709 Datasheet HTML 47Page - ams AG AS3709 Datasheet HTML 48Page - ams AG AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG AS3709 Datasheet HTML 52Page - ams AG AS3709 Datasheet HTML 53Page - ams AG AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 51
Reg i st er Description
Figure 70:
SD_control3 Register (Address 29h)
Addr: 29h
SD_control3
Bit
Bit Name
Default
Access
Bit Description
7
sd5_slave
0
RW
Enables slave mode of SD5
0 : Normal mode of SD5
  1 : SD5 is slave of SD3
7
sd4_slave
0
RW
Enables slave mode of SD4
0 : Normal mode of SD4
  1 : SD4 is slave of SD3
5
sd2_slave
0
RW
Enables slave mode of SD2
  0 : Normal mode of SD2
  1 : SD2 is slave of SD1
4sd5_fsel
0
RW
Selects between high and low frequency range
  0 : 2 or 3MHz frequency (selectable by sd5_frequ)
  1 : 3 or 4MHz frequency (selectable by sd5_frequ)
3sd5_fast
0
RW
Selects a faster regulation mode for SD5 suitable for
larger load changes.
  0 : Normal mode, Cext=10μF
  1 : Fast mode, Cext=22μF required
2
sd5_low_noise
0
RW
Enables low noise mode of SD5. If enabled smaller
current pulses and output ripple is activated.
  0 : Normal mode.
Minimum current pulses of >100mA applied in skip
mode.
  1 : Low noise mode.
Only minimum on time applied in skip mode.
1:0
-
'b00
N/A
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com