Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 32 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 32 Page - ams AG

Back Button AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG AS3709 Datasheet HTML 33Page - ams AG AS3709 Datasheet HTML 34Page - ams AG AS3709 Datasheet HTML 35Page - ams AG AS3709 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
AS3709 – 32
ams Datasheet, Confidential: 2013-Aug [1-02]
Det a il e d De sc r i pt ion - S y s t em F u nc t i on s
Vselect Input
As long as the GPIOx pin is high the DCDC/LDOs operate with
the normal register settings. If the GPIOx pin goes low the
settings will change to the ones stored in regX_voltage.
The gpioX_mode should be set to input.
Figure 42:
GPIO Vselect Modes
IO Functions: Shows the 4 different Vselect modes, depending on the setting of gpioX_iosf
Stand-by and Vselect Input
This mode is very similar to the Vselect mode described in the
previous paragraph. In addition to switch between 2 register
settings of 2 regulators the chip is set into stand-by mode when
the GPIOx pin goes low and wakes up again when the pin is
pulled high.
The gpioX_mode should be set to input.
GPIO1 and GPIO2 may be used to control two regulators
separately.
Figure 43:
Stand-by and Vselect Modes
IO Functions: Shows the 4 different Vselect and Stand-by control modes, depending on the setting of gpioX_iosf
gpio1_iosf
gpio2_iosf
Vselect mode
<> 5
<> 5
No voltage select by GPIO for regulator
<> 5
5
GPIO2 controls regulator selected by reg1_select and reg2_select
5
<> 5
GPIO1 controls regulator selected by reg1_select and reg2_select
55
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select
gpio1_iosf
gpio2_iosf
Vselect Mode
Stand-by Control
<> 6
<> 6
no voltage select by GPIO for regulator
No
<> 6
6
GPIO2 controls regulator selected by reg1_select
and reg2_select
Yes
6<> 6
GPIO1 controls regulator selected by reg1_select
and reg2_select
Yes
66
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com