Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 53 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 53 Page - ams AG

Back Button AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG AS3709 Datasheet HTML 52Page - ams AG AS3709 Datasheet HTML 53Page - ams AG AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 53
Reg i st er Description
Figure 72:
SD_control2 Register (Address 31h)
Addr: 31h
SD_control2
Bit
Bit Name
Default
Access
Bit Description
7:6
sd_dvm_select
'b00
RW
Apply DVM counter to the following DCDC converter
0 : Select SD1 for DVM
  1 : Select SD2 for DVM
  2 : Select SD3 for DVM
  3 : Select SD5 for DVM
5:4
dvm_time
'b00
RW
Time steps of DVM voltage change of selected step
down, if voltage of step Down is changed during
operation (sdx_vsel) voltage is decreased/increased
by single steps 12.5mV
  0 : 0 μsec, immediate change (no DVM)
  1 : 4 μsec time delay between steps
  2 : 8 μsec time delay between steps
  3 : 16 μsec time delay between steps
3sd4_fsel
0
RW
Selects between high and low frequency range
  0 : 2 or 3MHz frequency (selectable by sd4_frequ)
  1 : 3 or 4MHz frequency (selectable by sd4_frequ)
2sd3_fsel
0
RW
Selects between high and low frequency range
  0 : 2 or 3MHz frequency (selectable by sd3_frequ)
  1 : 3 or 4MHz frequency (selectable by sd3_frequ)
1sd2_fsel
0
RW
Selects between high and low frequency range
  0 : 2 or 3MHz frequency (selectable by sd2_frequ)
  1 : 3 or 4MHz frequency (selectable by sd2_frequ)
0sd1_fsel
0
RW
Selects between high and low frequency range
  0 : 2 or 3MHz frequency (selectable by sd1_frequ)
  1 : 3 or 4MHz frequency (selectable by sd1_frequ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com