Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 48 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 48 Page - ams AG

Back Button AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG AS3709 Datasheet HTML 47Page - ams AG AS3709 Datasheet HTML 48Page - ams AG AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG AS3709 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
AS3709 – 48
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Figure 64:
GPIOsignal_in Register (Address 21h)
Figure 65:
Reg1_Voltage Register (Address 22h)
Figure 66:
Reg2_Voltage Register (Address 23h)
Addr: 21h
GPIOsignal_in
Bit
Bit Name
Default
Access
Bit Description
7:2
-
'b0000
N/A
Do not use
1gpio2_in
0
RO
This bit reflects the logic level of the GPIO2 pin when
configured as digital input pin.
0gpio1_in
0
RO
This bit reflects the logic level of the GPIO1 pin when
configured as digital input pin.
Addr: 22h
Reg1_Voltage
Bit
Bit Name
Default
Access
Bit Description
7:0
reg1_voltage
'b0000 0000
RW
This register is mapped to the register address
0h+Reg1_select , if gioX_iosf = 5 or 6 (Vselect input),
and input = 1. This feature allows voltage switching of a
predefined regulator with just one GPIO input.
  0 ..FFh : Selects voltage and frequency bits of DCDC
Addr: 23h
Reg2_Voltage
Bit
Bit Name
Default
Access
Bit Description
7:0
reg2_voltage
'b0000 0000
RW
This register is mapped to the register address
0h+Reg1_select, if gioX_iosf=5 or 6 (Vselect input), and
input = 1, This feature allows voltage switching of a
predefined regulator with just one GPIO input
  0 ..FFh : Selects voltage and frequency bits of DCDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com