Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 39 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 39 Page - ams AG

Back Button AS3709 Datasheet HTML 35Page - ams AG AS3709 Datasheet HTML 36Page - ams AG AS3709 Datasheet HTML 37Page - ams AG AS3709 Datasheet HTML 38Page - ams AG AS3709 Datasheet HTML 39Page - ams AG AS3709 Datasheet HTML 40Page - ams AG AS3709 Datasheet HTML 41Page - ams AG AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 39
Reg i st er D e scription
Figure 52:
Register Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
00h
SD1Voltage
sd1_frequ
sd1_vsel<6:0>
01h
SD2Voltage
sd2_frequ
sd2_vsel<6:0>
02h
SD3Voltage
sd3_frequ
sd3_vsel<6:0>
03h
SD4Voltage
sd4_frequ
sd4_vsel<6:0>
04h
SD5Voltage
sd5_frequ
sd5_vsel<6:0>
05h
LDO1Voltage
ldo1_ilimit
ldo1_vsel<6:0>
06h
LDO2Voltage
ldo2_ilimit
ldo2_vsel<6:0>
0ch
GPIO1control
gpio1_invert
gpio1_iosf<6:3>
gpio1_mode<2:0>
0dh
GPIO2control
gpio2_invert
gpio2_iosf<6:3>
gpio2_mode<2:0>
10h
SDcontrol
-
ldo2_enable
ldo1_enabl
e
sd5_enable
sd4_enable
sd3_enable
sd2_enable
sd1_enable
20h
GPIOsignal_out
--
-
gpio2_out
gpio1_out
21h
GPIOsignal_in
--
-
gpio2_in
gpio1_in
22h
Reg1_Voltage
reg1_voltage<7:0>
23h
Reg2_Voltage
reg2_voltage<7:0>
24h
Reg_control
reg2_select<7:4>
reg1_select<3:0>
25h
GPIOctrl_sd
gpio_ctrl_sd4<7:6>
gpio_ctrl_sd3<5:4>
gpio_ctrl_sd2<3:2>
gpio_ctrl_sd1<1:0>
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com