Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 41 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 41 Page - ams AG

Back Button AS3709 Datasheet HTML 37Page - ams AG AS3709 Datasheet HTML 38Page - ams AG AS3709 Datasheet HTML 39Page - ams AG AS3709 Datasheet HTML 40Page - ams AG AS3709 Datasheet HTML 41Page - ams AG AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 41
Reg i st er D e scription
77h
InterruptStatus1
LowBat_int_i
ovtmp_int_i
onkey_int_i
sd5_lv_int_i
sd4_lv_int_i
sd3_lv_int_i
sd2_lv_int_i
sd1_lv_int_i
78h
InterruptStatus2
-
gpio_restar
t_int_i
gpio_int_i
90h
ASIC_ID1
asic_id1<7:0>
91h
ASIC_ID2
fab_id<7:4>
revision<3:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com