Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 56 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 56 Page - ams AG

Back Button AS3709 Datasheet HTML 52Page - ams AG AS3709 Datasheet HTML 53Page - ams AG AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG AS3709 Datasheet HTML 58Page - ams AG AS3709 Datasheet HTML 59Page - ams AG AS3709 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
AS3709 – 56
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Figure 75:
ResetTimer Register (Address 34h)
Addr: 34h
ResetTimer
Bit
Bit Name
Default
Access
Bit Description
7-
'b0
N/A
Do not use
6
stby_reset_disa
ble
0RW
Disable Reset output signal (pin XRES) in standby
mode.
  0 : Normal mode, reset is active in standby mode
  1 : No reset in standby mode and during exit of
stand-by mode
5auto_off
0
RO
Defines startup behavior at first VSUP connection
0 : Startup of chip if VSUP>ResVoltRise
1 : Enter power off mode (Startup with ON key)
4:3
off_delay
'b01
RW
Set delay between I²C command, GPIO or Reset signal
for power_off, standby mode or reset and execution of
that command.
  0 : No delay
  1 : 8 msec
  2 : 16 msec
  3 : 32 msec
2:0
res_timer
'b000
RW
Set Reset Time, after the last regulator has started
  0 : RESTIME = 2ms
  1 : RESTIME = 4ms
  2 : RESTIME = 8ms
  3 : RESTIME = 16ms
4 : RESTIME = 32ms
5 : RESTIME = 64ms
6 : RESTIME = 128ms
7 : RESTIME = 160ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com