Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 49 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 49 Page - ams AG

Back Button AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG AS3709 Datasheet HTML 47Page - ams AG AS3709 Datasheet HTML 48Page - ams AG AS3709 Datasheet HTML 49Page - ams AG AS3709 Datasheet HTML 50Page - ams AG AS3709 Datasheet HTML 51Page - ams AG AS3709 Datasheet HTML 52Page - ams AG AS3709 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 49
Reg i st er Description
Figure 67:
Reg_control Register (Address 24h)
Figure 68:
GPIOctrl_sd Register (Address 25h)
Addr: 24h
Reg_control
Bit
Bit Name
Default
Access
Bit Description
7:4
reg2_select
'b1111
RW
Selects regulator for mapping feature; if reg_select2
≥
0Ch, then feature is disabled.
3:0
reg1_select
'b1111
RW
Selects regulator for mapping feature; if reg_select1
≥
0Ch, then feature is disabled.
Addr: 25h
GPIOctrl_sd
Bit
Bit Name
Default
Access
Bit Description
7:6
gpio_ctrl_sd4
'b00
RW
Enable GPIO control of DCDC SD4. GPIO ctrl only
enabled,
if sd4_vsel > 0
  0 : No GPIO control
  1 : Controlled by GPIO1
  2 : Controlled by GPIO2
  3 : NA
5:4
gpio_ctrl_sd3
'b00
RW
Enable GPIO control of DCDC SD3. GPIO ctrl only
enabled,
if sd3_vsel > 0
  0 : No GPIO control
  1 : Controlled by GPIO1
  2 : Controlled by GPIO2
  3 : NA
3:2
gpio_ctrl_sd2
'b00
RW
Enable GPIO control of DCDC SD2. GPIO ctrl only
enabled,
if sd2_vsel > 0
  0 : No GPIO control
  1 : Controlled by GPIO1
  2 : Controlled by GPIO2
  3 : NA
1:0
gpio_ctrl_sd1
'b00
RW
Enable GPIO control of DCDC SD1. GPIO ctrl only
enabled,
if sd1_vsel > 0
  0 : No GPIO control
  1 : Controlled by GPIO1
  2 : Controlled by GPIO2
  3 : NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com