Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3709 Datasheet(PDF) 63 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 63 Page - ams AG

Back Button AS3709 Datasheet HTML 59Page - ams AG AS3709 Datasheet HTML 60Page - ams AG AS3709 Datasheet HTML 61Page - ams AG AS3709 Datasheet HTML 62Page - ams AG AS3709 Datasheet HTML 63Page - ams AG AS3709 Datasheet HTML 64Page - ams AG AS3709 Datasheet HTML 65Page - ams AG AS3709 Datasheet HTML 66Page - ams AG AS3709 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 63
Ap pl ication I n f o rmation
Figure 87:
Application Schematic
Application Information
FB_SD2
15
FB_SD3
10
VSUP_SD3
7
LX_SD3
8
SCLK
24
SDA
25
VSUP_SD1
22
LX_SD1
21
GPIO2
28
XRES
27
ON
26
VSUP_SD2
18
FB_SD1
19
LX_SD2
17
PVSS_SD2
16
LDOs
AS3709
uPMIC
GPIO1
29
PVSS_SD3
9
PVSS_SD1
20
V2_5
23
AS3709
2.2μF
2.2μF
2.2μF
2.2μF
2.2μF
2.2μF
2.2μF
2.2μF
2.2μF
10μF
10μF
10μF
10μF
10μF
GND
GND
GND
GND
VSUP
VSUP
1μH
1μH
1μH
1μH
1μH
GND
GND
VSUP
GND
GND
GND
GND
VSUP
VSUP
Vsup
Vsup
GND
GND
GND
GND
GND
1μF
GND
SCLK
SDA
XRES
GPIO1
GPIO2
8k2
8k2
VSUP
401-1426-1-ND
KMR211GLFS
401-1426-1-ND
KMR211GLFS
1M
1M
10k
GND
V2_5
V2_5
VSUP
GND
ON
SD1
SD2
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com